|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CSW0118-BD - 0.5 to 18 GHz GaAs pHEMT MMIC SPDT Switch - Mimix Broadband |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AP640R6-00 | 24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch | 1 2 | Alpha Industries |
| AS179-92 | PHEMT GaAs IC SPDT Switch DC-3 GHz | 1 2 | Alpha Industries |
| HMC270MS8G | GaAs MMIC SPDT SWITCH NON-REFLECTIVE DC - 8.0 GHz | 1 2 3 4 | Hittite Microwave Corporation |
| FMM5309ZU | Single Pole Three Throw GaAs PHEMT High Power Switch 0.5 - 2.5 GHz | 1 2 3 4 | Eudyna Devices Inc |
| AP640R7-00 | 24-35 GHz GaAs MMIC High Power SPDT Reflective PIN Switch | 1 2 | Alpha Industries |
| AS182-73 | PHEMT GaAs IC SPDT Switch DC-2.5 GHz | 1 2 | Alpha Industries |
| AS215-92 | Single Positive Control PHEMT GaAs IC SPDT Switch 0.5-3 GHz | 1 2 | Skyworks Solutions Inc. |
| AS183-92 | PHEMT GaAs IC SPDT Switch DC-2.5 GHz | 1 2 | Alpha Industries |
| HMC190MS8 | GaAs MMIC SPDT SWITCH DC - 3 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|