|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CMM1118-QT-0G0T - 11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier - Mimix Broadband |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AA026P1-00 | 25-29 GHz GaAs MMIC Driver Amplifier | 1 2 | Alpha Industries |
| AA035P3-00 | 31-35 GHz GaAs MMIC Driver Amplifier | 1 2 | Alpha Industries |
| HMC326MS8G | GaAs InGaP HBT MMIC DRIVER AMPLIFIER 3.0 - 4.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC279MS8G | GaAs MMIC DRIVER AMPLIFIER 2.5 - 4.2 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AA038P2-00 | 37-40 GHz GaAs MMIC Driver Amplifier | 1 2 | Alpha Industries |
| HMC465 | GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER DC - 20.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC465LP5 | GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER DC - 20.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AA028P2-00 | 27-31 GHz GaAs MMIC Driver Amplifier | 1 2 | Alpha Industries |
| HMC562 | GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER 2 - 35 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| CMM2030 | 30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER | 1 2 3 4 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|