|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
60KS200C - 60KW / 90KW Bi-directional Series - Sensitron |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE15006 | Integrated Circuit Dual Bi-Directional Motor Driver | 1 2 | NTE Electronics |
| TA7262P | DC MOTOR DRIVER 3 PHASE Bi-DIRECTIONAL | 1 2 3 4 5 More | Toshiba Semiconductor |
| FAN8082 | Bi-directional DC Motor Driver | 1 2 3 4 5 More | Fairchild Semiconductor |
| KIA6801K | BIPOLAR LINEAR INTEGRATED CIRCUIT BI-DIRECTIONAL DC MOTOR DRIVER | 1 2 3 4 5 More | KEC(Korea Electronics) |
| CH-CHS-137 | 19.5 dB Bi-Directional Coupler 0.5 - 400 MHz | 1 2 | Tyco Electronics |
| BDCA-16-30 | Bi-Directional Coupler | 1 | List of Unclassifed Manufacturers |
| PESD5V0S2BT | Low capacitance bi-directional double ESD protection diode in SOT23 package | 1 2 3 4 5 More | NXP Semiconductors |
| CS5461 | Single Phase Bi-Directional Power/Energy IC | 1 2 3 4 5 More | Cirrus Logic |
| PJESD5V0BQ4G | QUAD BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION | 1 2 3 | Pan Jit International Inc. |
| STN1A60 | Bi-Directional Triode Thyristor | 1 2 3 4 5 More | SemiWell Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|