![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 29MPA0373(1) |
|
Click Here View 29MPA0373 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| XP1018 | 35.0-45.0 GHz GaAs MMIC Power Amplifier | Mimix Broadband |
| AA022P1-00 | 18-23 GHz GaAs MMIC Power Amplifier | Alpha Industries |
| XP1000 | 17.0-24.0 GHz GaAs MMIC Power Amplifier | Mimix Broadband |
| HMC383LC4 | GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER 12 - 30 GHz | Hittite Microwave Corporation |
| AM42-0007 | GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz | Tyco Electronics |
| AA022P2-00 | 21-23 GHz GaAs MMIC Medium Power Amplifier | Alpha Industries |
| XP1001 | 26.0-40.0 GHz GaAs MMIC Power Amplifier | Mimix Broadband |
| AM42-0039 | GaAs MMIC VSAT Power Amplifier 2W 6.40 - 7.025 GHz | Tyco Electronics |
| MAAM26100-B1 | Power GaAs MMIC Amplifier 2-6 GHz | Tyco Electronics |
| XP1003 | 27.0-35.0 GHz GaAs MMIC Power Amplifier | Mimix Broadband |
| Related keyword |
| 29MPA0373 Datasheet | 29MPA0373 Cross Reference | 29MPA0373 Schematic | 29MPA0373 Distributor | 29MPA0373 Datenblatt | 29MPA0373 RoHS |
| 29MPA0373 Equivalent | 29MPA0373 Application Notes | 29MPA0373 Data Sheet | 29MPA0373 component | 29MPA0373 Fiche Technique | 29MPA0373 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |