Electronic Component's Datasheet Search Site

Mirror site :  alldatasheet.netalldatasheet.co.krcn.alldatasheet.comalldatasheet.jpalldatasheet.esalldatasheet.fr
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 

Shortcut

        EVA-X1610C(1)

Datasheet

    EVA-X1610C - 16-bit, 75 MHz RISC microprocessor with Ethernet and RS-232 connectivity - ETC

Click EVA-X1610C to view datasheet

Part No.EVA-X1610C
Description 16-bit, 75 MHz RISC microprocessor with Ethernet and RS-232 connectivity
Download EVA-X1610C Click to view
File Size 195.75 Kbytes / 2 Pages
Maker ETC [ETC]
Homepage

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
LPC2364Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP Ethernet USB 2.0 CAN and 10-bit ADC/DAC NXP Semiconductors
TC3403+1.8V Low Power Quad Input 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit Microchip Technology
SMC91C95ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM ETC
74ALVCH16224516-bit bus transceiver with direction pin and 30ohm termination resistor 3-State NXP Semiconductors
74ALVCH162374Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26§Ù Series Resistors in Outputs Fairchild Semiconductor
74LCX16373Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Fairchild Semiconductor
74LCXZ16245Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs Fairchild Semiconductor
74VCX162373Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26¥Ø Series Resistors in Outputs Fairchild Semiconductor
EM78P156EH8-bit microprocessor with low-power and high-speed CMOS technology ELAN Microelectronics Corp
DAC774116-Bit Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface Burr-Brown Corporation

Link URL

Related keyword

  EVA-X1610C Datasheet   EVA-X1610C Cross Reference   EVA-X1610C Schematic   EVA-X1610C Distributor   EVA-X1610C Datenblatt   EVA-X1610C RoHS
  EVA-X1610C Equivalent   EVA-X1610C Application Notes   EVA-X1610C Data Sheet   EVA-X1610C component   EVA-X1610C Fiche Technique   EVA-X1610C Circuit

Sponsor of Alldatasheet




Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET.COM help your business so far?   

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2010   


Mirror Sites
English : Alldatasheet.com  ,  Alldatasheet.net  |  Korean : Alldatasheet.co.kr  |  Chinese :Cn.alldataseet.com  |  Japanese : Alldatasheet.jp  |  Spanish : Alldatasheet.es  |  French : Alldatasheet.fr