Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3422BS1 Datasheet (PDF) - DB Lectro Inc

B3422BS1 Datasheet PDF - DB Lectro Inc
Part # B3422BS1
Download  B3422BS1 Download

File Size   233.92 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 2.1mm SMT TYPE

B3422BS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3422BS1 Datasheet PDF - DB Lectro Inc

Part # B3422BS1
Download  B3422BS1 Click to download

File Size   233.92 Kbytes
Page   1 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description FEMALE HEADER PROFILE : 2.1mm SMT TYPE

B3422BS1 Datasheet (HTML) - DB Lectro Inc

B3422BS1 Datasheet HTML 1Page - DB Lectro Inc



Similar Part No. - B3422BS1

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
B34 POWERDYNAMICS-B34 Datasheet
40Kb / 1P
   1 CELL AAA (R03) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
logo
GUANGDONG HOTTECH INDUS...
B340 HOTTECH-B340 Datasheet
238Kb / 2P
   SCHOTTKY DIODES
logo
Diodes Incorporated
B340 DIODES-B340 Datasheet
58Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Shenzhen Yixinwei Techn...
B340 YIXIN-B340 Datasheet
159Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Fuji Electric
B340 FUJI-B340 Datasheet
665Kb / 1P
   3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - B3422BS1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B27C DBLECTRO-B27C Datasheet
191Kb / 1P
   FEMALE HEADER PROFILE : 7.0mm SMT TYPE
B33 DBLECTRO-B33 Datasheet
245Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm SMT TYPE
B13B DBLECTRO-B13B Datasheet
236Kb / 1P
   FEMALE HEADER PROFILE : 4.5mm SMT TYPE
logo
Adam Technologies, Inc.
HFH-XX-G-SMT-PP-NK-NP ADAM-TECH-HFH-XX-G-SMT-PP-NK-NP Datasheet
81Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-NP-BL ADAM-TECH-HFH-XX-SG-SMT-NP-BL Datasheet
91Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-T-SMT-P ADAM-TECH-HFH-XX-T-SMT-P Datasheet
118Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-TR ADAM-TECH-HFH-XX-SG-SMT-TR Datasheet
122Kb / 1P
   FEMALE HEADER SMT TYPE
logo
DB Lectro Inc
B27A DBLECTRO-B27A Datasheet
281Kb / 1P
   FEMALE HEADER SINGLE ROW PROFILE : 5.0mm SMT TYPE
B27B DBLECTRO-B27B Datasheet
194Kb / 1P
   FEMALE HEADER DUAL ROW PROFILE : 5.0mm SMT TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com