|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
GF063-K - 1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS - ETC |
|
Click GF063-K to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TS63 | Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers Fully Sealed | Vishay Siliconix |
| TS3Y | Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed | Vishay Siliconix |
| RJC097 | 3/4 Rectilinear 15-Turn Through-Hole Sealed Cermet Trimmers | ETC |
| TS53Y | Surface Mount Miniature Trimmers Single-Turn Cermet Sealed | Vishay Siliconix |
| TSM4 | Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed | Vishay Siliconix |
| TS5Y | Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed | Vishay Siliconix |
| T93 | 3/8 Square Multi-Turn Cermet Trimmers | Vishay Siliconix |
| TSM43 | Surface Mount Cermet Trimmers Multi-turn Cermet Sealed Industrial Grade | Vishay Siliconix |
| 3315 | 9 mm Square Sealed Incremental Encoder | Bourns Electronic Solutions |
| 7813 | SMD 3 mm Square Sealed Rotary Switch | Bourns Electronic Solutions |
Link URL |
|
|
Related keyword |
| GF063-K Datasheet | GF063-K Cross Reference | GF063-K Schematic | GF063-K Distributor | GF063-K Datenblatt | GF063-K RoHS |
| GF063-K Equivalent | GF063-K Application Notes | GF063-K Data Sheet | GF063-K component | GF063-K Fiche Technique | GF063-K Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |