|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DS8629N - 120 MHz DIVIDE BY 100 PRESCALER - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VAM120 | 120 Watts 27 Volts Class AB Defcom 100 - 150 MHz | 1 2 | GHz Technology |
| UPB1511TB | 800 MHz INPUT DIVIDE BY 2 4 PRESCALER IC FOR PORTABLE SYSTEMS | 1 2 3 4 5 More | NEC |
| MRF275G | 150 W 28 V 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET | 1 2 3 4 5 More | Motorola, Inc |
| PCK2023 | CK408 66/100/133/200 MHz spread spectrum differential system clock generator | 1 2 3 4 5 More | NXP Semiconductors |
| EL2120C | 100 MHz Current Feedback Amplifier | 1 2 3 4 5 More | Elantec Semiconductor |
| A36-1 | 100 TO 2300 MHz CASCADABLE AMPLIFIER | 1 | Tyco Electronics |
| UF28150J | POWER MOSFET TRANSISTOR 150 WATTS 100 - 500 MHz 28 V | 1 2 3 | Tyco Electronics |
| PE42660 | SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz | 1 2 3 4 5 More | Peregrine Semiconductor Corp. |
| UMIL100 | 100 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 3 | GHz Technology |
| UPB1506GV | 3GHz INPUT DIVIDE BY 256 128 64 PRESCALER IC FOR ANALOG DBS TUNERS | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 2 3 |
Link URL |
|
|