|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
A16A - SHROUDED HEADER IDC TYPE WITH STEEL SWIN-LOCK - DB Lectro Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A16 | SHROUDED HEADER IDC TYPE | 1 | DB Lectro Inc |
| A17 | BOX HEADER IDC TYPE | 1 | DB Lectro Inc |
| A09 | EDGE CARD IDC TYPE WITH MOUNTING EAR | 1 | DB Lectro Inc |
| B13B | FEMALE HEADER PROFILE : 4.5mm SMT TYPE | 1 | DB Lectro Inc |
| A08 | EDGE CARD IDC TYPE | 1 | DB Lectro Inc |
| M54562P | 8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE | 1 2 3 4 | Mitsubishi Electric Semiconductor |
| MSC23Q83657D-XXBS18 | 8 388 608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO | 1 2 3 4 5 More | OKI electronic componets |
| MSM51V16405F | 4 194 304-Word à 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO | 1 2 3 4 5 More | OKI electronic componets |
| MSM5118165A | 1 048 576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO | 1 2 3 4 5 More | OKI electronic componets |
Datasheet Page |
1 |
Link URL |
|
|