|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
A16 - SHROUDED HEADER IDC TYPE - DB Lectro Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A16A | SHROUDED HEADER IDC TYPE WITH STEEL SWIN-LOCK | 1 | DB Lectro Inc |
| A17 | BOX HEADER IDC TYPE | 1 | DB Lectro Inc |
| B13B | FEMALE HEADER PROFILE : 4.5mm SMT TYPE | 1 | DB Lectro Inc |
| A08 | EDGE CARD IDC TYPE | 1 | DB Lectro Inc |
| SP-1ML | Photo diodes silicon photodiode mounted in a TO-18 type header | 1 2 | KODENSHI KOREA CORP. |
| B14 | FEMALE HEADER PROFILE : 4.2mm SIDE-ENTRY TYPE | 1 | DB Lectro Inc |
| B33 | FEMALE HEADER PROFILE : 6.4mm SMT TYPE | 1 | DB Lectro Inc |
| A09 | EDGE CARD IDC TYPE WITH MOUNTING EAR | 1 | DB Lectro Inc |
| SP-2ML | Photo diodes silicon photodiode mounted in a TO-18 type header | 1 2 | KODENSHI KOREA CORP. |
Datasheet Page |
1 |
Link URL |
|
|