|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
A1214AT1 - DIP PLUG LOW PROFILE - DB Lectro Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A15 | LOW PROFILE HIGH DENSITY DIP PLUG | 1 | DB Lectro Inc |
| PS710A-1A | 6-PIN DIP 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET | 1 2 3 4 5 More | NEC |
| S13MD01 | 8-pin DIP Type SSR for Low Power Control | 1 2 3 4 | Sharp Electrionic Components |
| A14 | DIP PLUG PITCH:2.54mm | 1 | DB Lectro Inc |
| V436516R04VL | 3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE | 1 2 3 4 5 More | Mosel Vitelic, Corp |
| TK1-1.5V | ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY | 1 2 3 4 5 | Nais(Matsushita Electric Works) |
| FH18-17S-0.3SHW | Low Profile 0.3mm Pitch Connectors For FPC | 1 2 3 4 5 More | Hirose Electric |
| AZ948 | 16 AMP LOW PROFILE POWER RELAY | 1 2 | List of Unclassifed Manufacturers |
| AS-30.000-20-SMD | LOW PROFILE MICROPROCESSOR CRYSTAL | 1 | Raltron Electronics Corporation |
| HG4518 | Low Profile Miniature PCB Power Relay | 1 2 | DB Lectro Inc |
Datasheet Page |
1 |
Link URL |
|
|