|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
A11A - DIP PLUG PICH 2.0mm - DB Lectro Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A11 | DIP PLUG PITCH 2.54mm | 1 | DB Lectro Inc |
| A11B | DIP PLUG H:6.0mm PITCH:2.54mm | 1 | DB Lectro Inc |
| A12 | DIP PLUG LOW PROFILE | 1 | DB Lectro Inc |
| A13 | DIP PLUG PITCH:2.54mm | 1 | DB Lectro Inc |
| A14 | DIP PLUG PITCH:2.54mm | 1 | DB Lectro Inc |
| A15 | LOW PROFILE HIGH DENSITY DIP PLUG | 1 | DB Lectro Inc |
| A15A | HIGH DENSITY DIP PLUG | 1 | DB Lectro Inc |
| A29A | ULTRA DIP PLUG | 1 | DB Lectro Inc |
| A33A | DONCO CONNECTOR DIP PLUG ON WIRE TYPE | 1 | DB Lectro Inc |
| HIF2B-16-2.54RSA | HIF2B SERIES DIP PLUG | 1 2 3 4 5 | Hirose Electric |
Datasheet Page |
1 |
Link URL |
|
|