|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
A07A - HIGH DENSITY IDC SOCKET - DB Lectro Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A06 | HIGH DENSITY IDC SOCKET | 1 | DB Lectro Inc |
| A07 | LOW PROFILE HIGH DENSITY IDC SOCKET | 1 | DB Lectro Inc |
| STW80N06-10 | N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR | 1 2 3 4 5 | STMicroelectronics |
| WP06R | 5-6 WATT HIGH DENSITY WIDE INPUT RANGE DC/DC CONVERTER | 1 2 3 4 | C&D Technologies |
| 2064VL | 2.5V In-System Programmable SuperFAST⢠High Density PLD | 1 2 3 4 5 More | Lattice Semiconductor |
| 8840 | In-System Programmable SuperBIG⢠High Density PLD | 1 2 3 4 5 More | Lattice Semiconductor |
| ISP620-1X | HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS | 1 2 3 | List of Unclassifed Manufacturers |
| ECQV | Designed for application where high density insertion of components is required. | 1 2 3 4 5 More | Panasonic Semiconductor |
| LC4512Z | 3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs | 1 2 3 4 5 More | Lattice Semiconductor |
| ISPLSI2032A | In-System Programmable High Density PLD | 1 2 3 4 5 More | Lattice Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|