|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
A04A - IDC SOCKET SINGLE ROW (NARROW TYPE) - DB Lectro Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A04B | IDC SOCKET SINGLE ROW SLIM TYPE | 1 | DB Lectro Inc |
| A04 | IDC SOCKET SINGLE ROW | 1 | DB Lectro Inc |
| A34 | SINGLE ROW EDGE CARD IDC TYPE | 1 | DB Lectro Inc |
| B27A | FEMALE HEADER SINGLE ROW PROFILE : 5.0mm SMT TYPE | 1 | DB Lectro Inc |
| A23A | DIN 41612 IDC TYPE DUAL ROW A+B | 1 | DB Lectro Inc |
| A23B | DIN 41612 IDC TYPE TRIPLE ROW A+C | 1 | DB Lectro Inc |
| A23C | DIN 41612 IDC TYPE TRIPLE ROW A+B+C | 1 | DB Lectro Inc |
| A07A | HIGH DENSITY IDC SOCKET | 1 | DB Lectro Inc |
| GP1S55T | Compact High Sensing Accuracy Narrow Gap Type Photointerrupter | 1 2 3 4 | Sharp Electrionic Components |
| 802-10-016-10-001 | PCB connectors 2.54 mm Single row / double row Solder tail | 1 | Precid-Dip Durtal SA |
Datasheet Page |
1 |
Link URL |
|
|