|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MCOCXOS - 12V OCXO Sine Output 14-pin DIL - Golledge Electronics Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MCOCXO | 12V OCXO HCMOS Output 14-pin DIL | 1 | Golledge Electronics Ltd |
| MCOCXOVS | 5V OCXO Sine Output 14-pin DIL | 1 | Golledge Electronics Ltd |
| MCOCXOV | 5V OCXO HCMOS Output 14-pin DIL | 1 | Golledge Electronics Ltd |
| MCOCXOW | 3.3V OCXO HCMOS Output 14-pin DIL | 1 | Golledge Electronics Ltd |
| HCD360 | OCXO Sine Output | 1 | Golledge Electronics Ltd |
| HCD660 | OCXO Sine Output High Performance | 1 | Golledge Electronics Ltd |
| HCD665 | OCXO Sine Output - Fast Warm Up | 1 | Golledge Electronics Ltd |
| V7PC-07A | NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A | 1 2 3 4 5 More | Bel Fuse Inc. |
| BP5710-1 | AC/DC converter AC100V input 12V/350mA output | 1 2 3 | Rohm |
| RASCO | 4-pin Package Compatible with 14-pin DIL | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 |
Link URL |
|
|