|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CC1V - SM Crystal Mil Temp Low Freq - Golledge Electronics Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CC1F | SM Crystal Mil Temp High Freq Fundamental | 1 | Golledge Electronics Ltd |
| CC6F | SM Crystal Mil Temp High Freq Fundamental | 1 | Golledge Electronics Ltd |
| CC4V | SM WATCH CRYSTAL MIL TEMP | 1 | List of Unclassifed Manufacturers |
| CC5V | SM Watch Crystal Mil Temp | 1 | Golledge Electronics Ltd |
| CC1A | SM Crystal Mil Temp | 1 | Golledge Electronics Ltd |
| CC4V | SM Watch Crystal Mil Temp | 1 | Golledge Electronics Ltd |
| CC7V | SM Watch Crystal Mil Temp | 1 | Golledge Electronics Ltd |
| HA7210 | 10kHz to 10MHz Low Power Crystal Oscillator | 1 2 3 4 5 More | Intersil Corporation |
| XT49M | Low Profile SMD Type Crystal Units | 1 | Vishay Siliconix |
| MC206 | THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT | 1 | List of Unclassifed Manufacturers |
Datasheet Page |
1 |
Link URL |
|
|