|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KP022J - 250mW GaAs Power FET (Pb-Free Type) - Eudyna Devices Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P0120007P | 250mW GaAs Power FET Pb-Free Type | 1 2 3 4 5 More | Eudyna Devices Inc |
| P0120003P | 800mW GaAs Power FET Pb-Free Type | 1 2 3 4 5 More | Eudyna Devices Inc |
| P0120004P | 1.5W GaAs Power FET Pb-Free Type | 1 2 3 4 5 More | Eudyna Devices Inc |
| P0120008P | 1W GaAs Power FET Pb-Free Type | 1 2 3 4 5 More | Eudyna Devices Inc |
| P0120009P | 2W GaAs Power FET Pb-Free Type | 1 2 3 4 5 More | Eudyna Devices Inc |
| NES1823P-140 | 140 W L S-BAND PUSH-PULL POWER GaAs MES FET | 1 2 3 4 5 More | NEC |
| TIM5359-4 | POWER GAAS FET | 1 2 3 4 5 | Toshiba Semiconductor |
| EFA240D-SOT89 | DC-4GHz Low Distortion GaAs Power FET | 1 2 | List of Unclassifed Manufacturers |
| FLC167WF | C-Band Power GaAs FET | 1 2 3 4 | Fujitsu Component Limited. |
| EFC060B | Low Distortion GaAs Power FET | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 |
Link URL |
|
|