|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FMM5117X - 20-32GHz Downconverter MMIC - Eudyna Devices Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FMM5116X | 20-32GHz Upconverter MMIC | 1 2 3 4 | Eudyna Devices Inc |
| UPC2734GR | SILICON MMIC L-BAND DOWNCONVERTER | 1 2 3 4 5 | NEC |
| FMM5118X | 20-32GHz Doubler MMIC | 1 2 3 4 5 More | Eudyna Devices Inc |
| UPC2721GR | SILICON MMIC L BAND DOWNCONVERTER | 1 2 3 4 5 More | NEC |
| FMM5107MLT4E1 | MMIC X/Ku-Band DBS Downconverter | 1 2 3 | Eudyna Devices Inc |
| HMC265 | GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER 20 - 32 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| UPC2756TB | MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER | 1 2 3 4 5 More | NEC |
| NJG1708PC1 | 800MHz BAND DOWNCONVERTER GaAs MMIC | 1 2 3 4 5 | New Japan Radio |
| UPC2721GV | SILICON MMIC L BAND DOWNCONVERTER | 1 2 3 4 5 | NEC |
| TQ9203 | Low-Current Cellular Band Downconverter IC | 1 2 3 4 5 More | TriQuint Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|