|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FLM0910-25F - X-Band Internally Matched FET - Eudyna Devices Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FLM8596-15F | X-Band Internally Matched FET | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| FLM0910-12F | X-Band Internally Matched FET | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| FLM0910-15F | X-Band Internally Matched FET | 1 2 3 4 5 | Eudyna Devices Inc |
| MGFC36V5964A | 5.9 - 6.4GHz BAND 4W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC40V5258 | 5.2 - 5.8GHz BAND 10W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC44V3642 | 3.6-4.2GHz BAND 24W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| FLM1011-8F | X Ku-Band Internally Matched FET | 1 2 3 4 | Eudyna Devices Inc |
| FLM1414-15F | X Ku-Band Internally Matched FET | 1 2 3 4 5 | Eudyna Devices Inc |
| FLM4450-25F | C-Band Internally Matched FET | 1 2 3 4 | Eudyna Devices Inc |
| FLM7185-6F | C-Band Internally Matched FET | 1 2 3 4 | Eudyna Devices Inc |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|