|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FLD3F8CZ - 1,310nm DFB CATV Laser - Eudyna Devices Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FLD3F7CZ | 1 310nm DFB CATV Laser | 1 2 3 4 5 More | Eudyna Devices Inc |
| FLD3F10NP-A | 1 310nm Modulator Integrated DFB Laser | 1 2 3 4 | Eudyna Devices Inc |
| NDL7605P | 1 310 nm OPTICAL CATV RETURN PATH APPLICATIONS InGaAsP MQW DFB LASER DIODE MODULE WITH ISOLATOR | 1 2 3 4 5 More | NEC |
| NDL7673P | 1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE | 1 2 3 4 5 More | NEC |
| OL5392L | 1550nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber | 1 2 | OKI electronic componets |
| PGT20102 | DFB/EA Laser Module for 2.5 Gb/s Applications | 1 2 3 4 | Ericsson |
| DL-5100S | 1550 nm DFB LASER DIODES | 1 2 | List of Unclassifed Manufacturers |
| FLD5F20NP | 1 550nm Modulator Integrated DFB Laser | 1 2 3 4 5 | Eudyna Devices Inc |
| OL592L | 1.55 μm Coaxial DFB Laser Module | 1 2 3 4 | OKI electronic componets |
| PGT20130 | 1510 nm DFB Laser for Supervisory Channel Applications | 1 2 3 4 | Ericsson |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|