Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV320MTXC-70G Datasheet (PDF) - Macronix International

MX29LV320MTXC-70G Datasheet PDF - Macronix International
Part # MX29LV320MTXC-70G
Download  MX29LV320MTXC-70G Download

File Size   539.6 Kbytes
Page   70 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY

MX29LV320MTXC-70G Datasheet (PDF)

Go To PDF Page Download Datasheet
MX29LV320MTXC-70G Datasheet PDF - Macronix International

Part # MX29LV320MTXC-70G
Download  MX29LV320MTXC-70G Click to download

File Size   539.6 Kbytes
Page   70 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 64M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY

MX29LV320MTXC-70G Datasheet (HTML) - Macronix International

Back Button MX29LV320MTXC-70G Datasheet HTML 1Page - Macronix International MX29LV320MTXC-70G Datasheet HTML 2Page - Macronix International MX29LV320MTXC-70G Datasheet HTML 3Page - Macronix International MX29LV320MTXC-70G Datasheet HTML 4Page - Macronix International MX29LV320MTXC-70G Datasheet HTML 5Page - Macronix International MX29LV320MTXC-70G Datasheet HTML 6Page - Macronix International MX29LV320MTXC-70G Datasheet HTML 7Page - Macronix International MX29LV320MTXC-70G Datasheet HTML 8Page - Macronix International MX29LV320MTXC-70G Datasheet HTML 9Page - Macronix International MX29LV320MTXC-70G Datasheet HTML 10Page - Macronix International Next Button 

MX29LV320MTXC-70G Product details

GENERAL DESCRIPTION
The MX29LV64xM H/L is a 64-mega bit Flash memory organized as 8M bytes of 8 bits or 4M words of 16 bits (for MX29LV640M H/L), or 4M words of 16bits (for MX29LV641M H/L). MXICs Flash memories offer the most cost-effective and reliable read/write non-volatile random access memory. The MX29LV64xM H/L is packaged in 48-pin TSOP and 56-pin TSOP. It is designed to be reprogrammed and erased in system or in standard EPROM programmers.

FEATURES
GENERAL FEATURES
• Single Power Supply Operation
    - 2.7 to 3.6 volt for read, erase, and program operations
• Configuration
    - 8,388,608 x 8 / 4,194,304 x 16 switchable (for
    MX29LV640M H/L)
    - 4,194,304 x 16 (for MX29LV641M H/L)
• Sector structure
    - 64KB(32KW) x 128
• Sector Protection/Chip Unprotect
    - Provides sector group protect function to prevent
    program or erase operation in the protected sector
    group
    - Provides chip unprotect function to allow code
    changes
    - Provides temporary sector group unprotect function
    for code changes in previously protected sector groups
• Secured Silicon Sector
    - Provides a 128-word/256-byte area for code or data
    that can be permanently protected.
    - Once this sector is protected, it is prohibited to program or erase within the sector again.
• Latch-up protected to 250mA from -1V to Vcc + 1V
• Low Vcc write inhibit is equal to or less than 1.5V
• Compatible with JEDEC standard
    - Pin-out and software compatible to single power supply Flash

PERFORMANCE
• High Performance
    - Fast access time: 90ns
    - Page read time: 25ns
    - Sector erase time: 0.5s (typ.)
    - 4 word/8 byte page read buffer
    - 16 word/ 32 byte write buffer: reduces programming
    time for multiple-word/byte updates
• Low Power Consumption
    - Active read current: 18mA(typ.)
    - Active write current: 20mA(typ.)
    - Standby current: 20uA(typ.)
• Minimum 100,000 erase/program cycle
• 20-years data retention

SOFTWARE FEATURES
• Support Common Flash Interface (CFI)
    - Flash device parameters stored on the device and
    provide the host system to access.
• Program Suspend/Program Resume
    - Suspend program operation to read other sectors
• Erase Suspend/ Erase Resume
    - Suspends sector erase operation to read data/program other sectors
• Status Reply
    - Data# polling & Toggle bits provide detection of program and erase operation completion

HARDWARE FEATURES
• Ready/Busy (RY/BY#) Output (for MX29LV640M H/L only)
    - Provides a hardware method of detecting program
    and erase operation completion
• Hardware Reset (RESET#) Input
    - Provides a hardware method to reset the internal
    state machine to read mode
• WP#/ACC input
    - Write protect (WP#) function allows protection highest or lowest sector, regardless of sector protection
    settings
    - ACC (high voltage) accelerates programming time
    for higher throughput during system

PACKAGE
• 48-pin TSOP (for MX29LV641M H/L)
• 56-pin TSOP (for MX29LV640M H/L)




Similar Part No. - MX29LV320MTXC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MTXBC-70Q MCNIX-MX29LV320MTXBC-70Q Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTXBC-70R MCNIX-MX29LV320MTXBC-70R Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTXBC-90 MCNIX-MX29LV320MTXBC-90 Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTXBC-90G MCNIX-MX29LV320MTXBC-90G Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTXBI-90 MCNIX-MX29LV320MTXBI-90 Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Similar Description - MX29LV320MTXC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320MH MCNIX-MX29LV320MH Datasheet
384Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LV128MH MCNIX-MX29LV128MH Datasheet
394Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA129MH MCNIX-MX29LA129MH Datasheet
397Kb / 71P
   128M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
MX29LA321MH MCNIX-MX29LA321MH Datasheet
510Kb / 66P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Integrated Circuit Syst...
MX29LV033M ICST-MX29LV033M Datasheet
378Kb / 65P
   32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY
logo
Macronix International
MX29LA128MT MCNIX-MX29LA128MT Datasheet
411Kb / 76P
   128M-BIT SINGLE VOLTAGE 3V ONLY BOOT SECTOR FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512E MCNIX-MX29GL512E Datasheet
1Mb / 69P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL512F MCNIX-MX29GL512F Datasheet
1Mb / 72P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com