|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GAMW2V540 - 48V Input, 2.5VDC, 40A Output - Galaxy Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GAQW2V540 | 48V Input 2.5VDC 40A Output | 1 2 3 4 5 More | Galaxy Power, Inc. |
| GAQW1V540 | 48V Input 1.5VDC 40A Output | 1 2 3 4 5 More | Galaxy Power, Inc. |
| G2PW5V030 | 48V or 24V Input 1.0V 1.2V 1.5V 1.8V 2.0V 2.5VDC 60A Output 3.3V 45A; 5.0V 30A Output | 1 2 3 4 5 More | Galaxy Power, Inc. |
| 07HB-D0T | ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A 5V/40A 12V/17A Output | 1 2 3 4 5 | Bel Fuse Inc. |
| GAQW2V040 | 48V Input 2.0VDC 40A Output | 1 2 3 4 5 More | Galaxy Power, Inc. |
| GAMW1V240 | 48V Input 1.2VDC 40A Output | 1 2 3 4 5 More | Galaxy Power, Inc. |
| GAMW1V540 | 48V Input 1.5VDC 40A Output | 1 2 3 4 5 More | Galaxy Power, Inc. |
| GAMW1V840 | 48V Input 1.8VDC 40A Output | 1 2 3 4 5 More | Galaxy Power, Inc. |
| HHS40ZE | HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V 2.5V Output | 1 2 | Power-One |
| GAMW2V040 | 48V Input 2.0VDC 40A Output | 1 2 3 4 5 More | Galaxy Power, Inc. |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|