|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AUD03Y48 - 10 Watts Embedded Power - Astec America, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| AVC06S04 | 20 Watts Embedded Power | 1 2 | Astec America, Inc |
| AUM03M48 | 10 Watts Embedded Power | 1 2 | Astec America, Inc |
| AUK11M48 | 30 Watts Embedded Power | 1 2 | Astec America, Inc |
| AUG08M48 | 20 Watts Embedded Power | 1 2 | Astec America, Inc |
| AUG05K48 | 15 Watts Embedded Power | 1 2 | Astec America, Inc |
| PSPS25 | Single Output Up to 25 Watts AC/DC Power Supply | 1 2 3 | Wall Industries,Inc. |
| PSRL5017R6-I | Up to 600 Watts Single Output with Active PFC Forced Current Sharing Series AC/DC Switching Power Supply | 1 2 3 | Wall Industries,Inc. |
| MJL3281A_05 | 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS | 1 2 3 4 5 | ON Semiconductor |
| MAPPST2933-190M | RADAR PULSED POWER PALLET 190 Watts 2.9 - 3.3 GHz 200us Pulse 10% Duty | 1 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|