|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RK1-3V - 1.5 GHz MICROWAVE RELAY - Nais(Matsushita Electric Works) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TGA1082B | 27- 32 GHz 1.5 Watt Power Amplifier | 1 2 3 | TriQuint Semiconductor |
| IVA-05208 | Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier | 1 2 3 4 | Agilent(Hewlett-Packard) |
| IVA-05228 | Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option | 1 2 3 4 | Agilent(Hewlett-Packard) |
| MGA-86576 | 1.5 - 8 GHz Low Noise GaAs MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| TRF3701 | 0.4 GHz to 1.5 GHz QUADRATURE MODULATOR | 1 2 3 4 5 More | Texas Instruments |
| AD9512 | 800 MHz Clock Distribution IC 1.5 GHz Inputs Dividers Delay Adjust Five Outputs | 1 2 | Analog Devices |
| 2301 | 1.5 Watt - 20 Volts Class C Microwave 2300 MHz | 1 2 3 | GHz Technology |
| HMC13MS8 | GaAs MMIC SMT DOUBLE BALANCED MIXER 1.5 - 4.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| CMM1331-KU | 12.70 to 13.50 GHz 1.5 Watt Power Amplifier | 1 2 | List of Unclassifed Manufacturers |
| MAAM12021 | Low Noise Amplifier 1.5 - 1.6 GHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|