Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3205-00TN Datasheet (PDF) - California Micro Devices Corp

CM3205-00TN Datasheet PDF - California Micro Devices Corp
Part # CM3205-00TN
Download  CM3205-00TN Download

File Size   235.03 Kbytes
Page   10 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description DDR VDDQ and Termination Voltage Regulator

CM3205-00TN Datasheet (PDF)

Go To PDF Page Download Datasheet
CM3205-00TN Datasheet PDF - California Micro Devices Corp

Part # CM3205-00TN
Download  CM3205-00TN Click to download

File Size   235.03 Kbytes
Page   10 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description DDR VDDQ and Termination Voltage Regulator

CM3205-00TN Datasheet (HTML) - California Micro Devices Corp

CM3205-00TN Datasheet HTML 1Page - California Micro Devices Corp CM3205-00TN Datasheet HTML 2Page - California Micro Devices Corp CM3205-00TN Datasheet HTML 3Page - California Micro Devices Corp CM3205-00TN Datasheet HTML 4Page - California Micro Devices Corp CM3205-00TN Datasheet HTML 5Page - California Micro Devices Corp CM3205-00TN Datasheet HTML 6Page - California Micro Devices Corp CM3205-00TN Datasheet HTML 7Page - California Micro Devices Corp CM3205-00TN Datasheet HTML 8Page - California Micro Devices Corp CM3205-00TN Datasheet HTML 9Page - California Micro Devices Corp CM3205-00TN Datasheet HTML 10Page - California Micro Devices Corp

CM3205-00TN Product details

Product Description
The CM3205 is a dual-output, low noise linear regulator designed to meet SSTL-2 and SSTL-3 specifications for DDR-SDRAM VDDQ supply and termination voltage VTT supply. With integrated power MOSFET’s, the CM3205 can source up to 5A of VDDQ current, and source or sink up to 2A VTT current. The typical dropout voltage for VDDQ is 600-mV at 5A load current.

Features
• 5A continuous current from VDDQ
• 1.8V to 2.6V adjustable VDDQ output voltage
• 600-mV typical VDDQ dropout voltage at 5A
• VTT tracking at 50% of VDDQ
• Source and sink up to 2A VTT current
• Excellent load and line regulation, low noise
• Fast transient response
• Meets JEDEC DDR-I SDRAM power spec.
• Linear regulator design requires no inductors and has low external component count
• Integrated power MOSFETs
• Dual purpose ADJ/Shutdown pin
• Built-in over-current limit with short-circuit foldback and thermal shutdown for VDDQ and VTT
• 5mA quiescent current
• TO252 andTO263 packages for high performance thermal dissipation and easy PC board layout
• Optional RoHS Compliant Lead-free packaging

Applications
• DDR memory and active termination buses
• Desktop Computers, Servers
• Residential and Enterprise Gateways
• DSL Modems
• Routers and Switchers
• DVD recorders
• 3D AGP cards
• LCD TV and STB




Similar Part No. - CM3205-00TN

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3202 CALMIRCO-CM3202 Datasheet
358Kb / 12P
   DDR VDDQ and Termination Voltage Regulator
logo
ON Semiconductor
CM3202-00 ONSEMI-CM3202-00 Datasheet
197Kb / 11P
   VTT Termination Voltage Regulator
April, 2011 ??Rev. 3
logo
California Micro Device...
CM3202-00DE CALMIRCO-CM3202-00DE Datasheet
358Kb / 12P
   DDR VDDQ and Termination Voltage Regulator
CM3202-00SM CALMIRCO-CM3202-00SM Datasheet
358Kb / 12P
   DDR VDDQ and Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02 ONSEMI-CM3202-02 Datasheet
199Kb / 11P
   VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
More results


Similar Description - CM3205-00TN

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9005A RICHTEK-RT9005A Datasheet
208Kb / 10P
   DDR VDDQ and Termination Voltage Regulator
logo
California Micro Device...
CM3202 CALMIRCO-CM3202 Datasheet
358Kb / 12P
   DDR VDDQ and Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
   Low Voltage DDR Termination Regulator
SC2599 SEMTECH-SC2599 Datasheet
1Mb / 13P
   Low Voltage DDR Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Semtech Corporation
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
   Low Voltage DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com