|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HRF-AT4510 - 15.5 dB, DC-4GHz, 5 Bit Parallel Digital Attenuator - Honeywell Solid State Electronics Center |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAATSS0001 | Digital Attenuator 5 Bit 15.5 dB 500 - 2500 MHz | 1 2 3 | Tyco Electronics |
| AA226-87 | GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz | 1 2 3 4 5 | Alpha Industries |
| AT-357 | GaAs Digital Attenuator 31 dB 5 Bit DC - 2 GHz | 1 2 | Tyco Electronics |
| HMC235QS16G | GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 4 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AT-280 | Digital Attenuator 15.5 dB 5-Bit DC - 2 GHz | 1 2 | Tyco Electronics |
| AA230-24 | GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz | 1 2 | Alpha Industries |
| AT-226 | Digital Attenuator 4 Bit Single Control 15 dB 0.5 - 2.0 GHz | 1 2 3 4 | Tyco Electronics |
| AA260-85 | GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz | 1 2 3 4 5 | Alpha Industries |
| AT65-0283 | Digital Attenuator 15.5 dB 5-Bit TTL Driver DC - 2.0 GHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|