|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DW9256 - 133MHZ SAW Filter - Mitel Networks Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BF799 | NPN SILICON RF TRANSISTOR For linear broadband amplifier applications up to 500 MHz SAW filter driver in TV tuners | 1 2 3 | Siemens Semiconductor Group |
| FAR-F5CM | SAW Filter 700 to 1000 MHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| NSVS680 | JRC SAW FILTER | 1 2 3 4 5 More | New Japan Radio |
| RF1210 | 303.825 MHz SAW Filter | 1 2 | RF Monolithics, Inc |
| RF1172B | 433.92 MHz SAW Filter | 1 2 | RF Monolithics, Inc |
| RF1353C | 345.00 MHz SAW Filter | 1 2 3 4 5 | RF Monolithics, Inc |
| SF1059A | 350.0 MHz SAW Filter | 1 2 3 4 5 More | RF Monolithics, Inc |
| SF1095A | 153.6 MHz SAW Filter | 1 2 3 4 5 More | RF Monolithics, Inc |
| SF1146B | 499.25 MHz SAW Filter | 1 2 3 | RF Monolithics, Inc |
| TFS241 | SAW filter specification | 1 2 3 4 | Vectron International, Inc |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|