|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AMMC-5024 - Agilent AMMC-5024 30 KHz - 40 GHz Traveling Wave Amplifier - Agilent(Hewlett-Packard) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMMC-5021 | 2-26.5 GHz GaAs MMIC Traveling Wave Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| AMMC-5026 | 2-35 GHz GaAs MMIC Traveling Wave Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| AMMC-5620 | Agilent AMMC-5620 6 - 20 GHz High Gain Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| INA-52063 | 1.5 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| MAALSS0044 | Low Noise Amplifier 1.5 - 1.6 GHz | 1 2 3 4 | Tyco Electronics |
| MAAP-000038-PKG003 | Amplifier Power 1.2W 9.0-12.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MAAPGM0028 | 2.0-6.5 GHz 0.5W Power Amplifier | 1 2 3 4 5 | Tyco Electronics |
| MRFIC2403 | 2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 More | Motorola, Inc |
| AM55-0027 | UMTS Digital Gain Control Amplifier 1.94 - 2.34 GHz | 1 2 | Tyco Electronics |
| HMC313 | GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK DC - 6.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|