Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB4600 Datasheet (PDF) - Gennum Corporation

GB4600 Datasheet PDF - Gennum Corporation
Part # GB4600
Download  GB4600 Download

File Size   137.67 Kbytes
Page   4 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Monolithic Unity Gain Video Buffer

GB4600 Datasheet (PDF)

Go To PDF Page Download Datasheet
GB4600 Datasheet PDF - Gennum Corporation

Part # GB4600
Download  GB4600 Click to download

File Size   137.67 Kbytes
Page   4 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Monolithic Unity Gain Video Buffer

GB4600 Datasheet (HTML) - Gennum Corporation

GB4600 Datasheet HTML 1Page - Gennum Corporation GB4600 Datasheet HTML 2Page - Gennum Corporation GB4600 Datasheet HTML 3Page - Gennum Corporation GB4600 Datasheet HTML 4Page - Gennum Corporation

GB4600 Product details

DESCRIPTION
The GB4600 is a high performance, monolithic unity gain video buffer made on Gennums proprietary LSI process. The device features a stable wideband topology capable of driving high capacitance video busses.

FEATURES
• wideband, unity gain, stable operation
    (± 0.1 dB at 100 MHz when CL = 27 pF)
    (full power BW = 120 MHz when CL = 47 pF).
• selectable high and low current operating modes (IL = 10 mA or IL = 20 mA)
• drives high capacitance loads (CL = 180 pF) to 70 MHz at -3 dB.
• extremely low differential phase and gain
• convenient 8 pin DIP / SOIC packaging
• 100 µW disabled power consumption

APPLICATIONS
• Input and output buffering in wide crosspoint matrices
• Inter-board video signal buffering
• Inter-system video signal buffering




Similar Part No. - GB4600

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GB40-125-3P208 TDK-GB40-125-3P208 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB40-125-3P400 TDK-GB40-125-3P400 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB40-125-3P480 TDK-GB40-125-3P480 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB40-42 TDK-GB40-42 Datasheet
88Kb / 2P
   Programmable Power Supplies
logo
GOOD-ARK Electronics
GB402 GOOD-ARK-GB402 Datasheet
116Kb / 2P
   Block Type Automotive Rectifier
More results


Similar Description - GB4600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110_06 Datasheet
184Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
logo
Renesas Technology Corp
HFA1110 RENESAS-HFA1110 Datasheet
467Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
logo
Gennum Corporation
GB4570 GENNUM-GB4570 Datasheet
149Kb / 5P
   Monolithic Video Buffer/Clamp
GB4550 GENNUM-GB4550 Datasheet
152Kb / 5P
   Monolithic Video Buffer/Clamp
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
   Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Microchip Technology
MCP631 MICROCHIP-MCP631_14 Datasheet
1Mb / 60P
   Unity-Gain Stable
03/25/14
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
   Unity-Gain Stable
03/25/14
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com