Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1528A Datasheet (PDF) - Gennum Corporation

GS1528A Datasheet PDF - Gennum Corporation
Part # GS1528A
Download  GS1528A Download

File Size   558.69 Kbytes
Page   16 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver

GS1528A Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1528A Datasheet PDF - Gennum Corporation

Part # GS1528A
Download  GS1528A Click to download

File Size   558.69 Kbytes
Page   16 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver

GS1528A Datasheet (HTML) - Gennum Corporation

Back Button GS1528A Datasheet HTML 1Page - Gennum Corporation GS1528A Datasheet HTML 2Page - Gennum Corporation GS1528A Datasheet HTML 3Page - Gennum Corporation GS1528A Datasheet HTML 4Page - Gennum Corporation GS1528A Datasheet HTML 5Page - Gennum Corporation GS1528A Datasheet HTML 6Page - Gennum Corporation GS1528A Datasheet HTML 7Page - Gennum Corporation GS1528A Datasheet HTML 8Page - Gennum Corporation GS1528A Datasheet HTML 9Page - Gennum Corporation GS1528A Datasheet HTML 10Page - Gennum Corporation Next Button 

GS1528A Product details

Description
The GS1528A/9068A is a second generation, high speed BiCMOS integrated circuit designed to drive one or two 75W coaxial cables.

Features
GS1528A
• SMPTE 292M, SMPTE 344M and SMPTE 259M compliant
• Dual coaxial cable driving outputs with selectable slew rate
• 50Ω differential PECL input
• Pb-free and RoHS compliant
• Pin compatible with GS9068A HD-LINX II SD SDI cable driver
• Seamless interface to other HD-LINX II family products
• Single 3.3V power supply operation
• Operating temperature range: 0°C to 70°C

GS9068A
• SMPTE 259M and SMPTE 344M compliant
• Dual coaxial cable driving outputs
• 50W differential PECL input
• Pb-free and RoHS compliant
• Pin compatible with GS1528A HD-LINX II multi-rate SDI dual slew-rate cable driver
• Seamless interface to other HD-LINX II family products
• Single 3.3V power supply operation
• Operating temperature range: 0°C to 70°C

Applications
GS1528A
• SMPTE 292M, SMPTE 344M and SMPTE 259M Coaxial Cable Serial Digital Interfaces

GS9068A
• SMPTE 259M and SMPTE 344M Coaxial Cable Serial Digital Interfaces




Similar Part No. - GS1528A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528A GENNUM-GS1528A Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528ACKAE3 GENNUM-GS1528ACKAE3 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528ACTAE3 GENNUM-GS1528ACTAE3 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528ACTAE3D GENNUM-GS1528ACTAE3D Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Similar Description - GS1528A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com