|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AT-42036 - Agilent AT-42036 Up to 6 GHz Medium Power Silicon Bipolar Transistor - Agilent(Hewlett-Packard) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AT-42010 | Up to 6 GHz Medium Power Silicon Bipolar Transistor | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| AT-42035 | Up to 6 GHz Medium Power Silicon Bipolar Transistor | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| AT-42070 | Up to 6 GHz Medium Power Silicon Bipolar Transistor | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| AT-42086 | Up to 6 GHz Medium Power Silicon Bipolar Transistor | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| AT-64020 | Up to 4 GHz Linear Power Silicon Bipolar Transistor | 1 2 3 4 | Agilent(Hewlett-Packard) |
| AT-64023 | Up to 4 GHz Linear Power Silicon Bipolar Transistor | 1 2 3 4 | Agilent(Hewlett-Packard) |
| BCX5616 | NPN SILICON PLANAR MEDIUM POWER TRANSISTOR | 1 | Zetex Semiconductors |
| FCX658A | NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR | 1 2 3 4 | Zetex Semiconductors |
| FMMT614 | NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR | 1 2 | Zetex Semiconductors |
| FZT491 | NPN SILICON PLANAR MEDIUM POWER TRANSISTOR | 1 | Zetex Semiconductors |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|