|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TQPHT - 0.5 um pHEMT Foundry Service - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FMM5309ZU | Single Pole Three Throw GaAs PHEMT High Power Switch 0.5 - 2.5 GHz | 1 2 3 4 | Eudyna Devices Inc |
| TQRLC | Advanced Passives Foundry Service | 1 2 3 | TriQuint Semiconductor |
| MGA-665P8 | GaAs Enhancement-Mode PHEMT 0.5 - 6 GHz Low Noise Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| TQTRX | Advanced Passives & MESFET Foundry Service | 1 2 3 4 5 More | TriQuint Semiconductor |
| CSW0118-BD | 0.5 to 18 GHz GaAs pHEMT MMIC SPDT Switch | 1 2 3 | Mimix Broadband |
| LP750 | 0.5 W POWER PHEMT | 1 2 | Filtronic Compound Semiconductors |
| LP750P100 | PACKAGED 0.5 WATT POWER PHEMT | 1 2 3 | Filtronic Compound Semiconductors |
| TQHBT3 | InGaP HBT Foundry Service | 1 2 3 4 5 More | TriQuint Semiconductor |
| STY16NA90 | N - CHANNEL 900V - 0.5 ohm - 16A - Max247 EXTREMELY LOW GATE CHARGE POWER MOSFET | 1 2 3 4 5 | STMicroelectronics |
| IP117MAHVH | 0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR | 1 2 | Seme LAB |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|