|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TGA4902-SM - Ka-Band Packaged MPA - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TGA4509-SM | Ka-Band Packaged 1W PA | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGA4517-EPU | Ka-Band Power Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| SOT-23-1 | Low Resistance Low Capacitance Plastic Packaged PIN Diodes | 1 2 3 | Alpha Industries |
| LPD200P70 | PACKAGED HIGH DYNAMIC RANGE PHEMT | 1 2 3 | Filtronic Compound Semiconductors |
| LSP1000 | ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES | 1 2 3 | Microsemi Corporation |
| TC3967 | 2W Packaged Self-Bias PHEMT GaAs Power FETs | 1 | List of Unclassifed Manufacturers |
| FPD4000AF | 4W PACKAGED POWER PHEMT | 1 2 3 4 5 More | Filtronic Compound Semiconductors |
| TGA2904-FL | Ku Band 2 Watt Packaged Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| CGB7006-SC | DC-6.0 GHz InGaP HBT MMIC or Packaged Matched Gain Block Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| SMP1321 | Low Capacitance Plastic Packaged PIN Diodes | 1 2 3 4 5 More | Skyworks Solutions Inc. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|