|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TGA2710 - 10.5 - 12GHz High Power Amplifier - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MA1065-1 | For 1.9 GHz - High Power Amplifier | 1 | Mitsubishi Electric Semiconductor |
| KTA1725 | EPITAXIAL PLANAR PNP TRANSISTOR HIGH POWER AMPLIFIER | 1 2 3 | KEC(Korea Electronics) |
| KTC2803 | EPITAXIAL PLANAR NPN TRANSISTOR AUDIO FREQUENCY HIGH FREQUENCY POWER AMPLIFIER | 1 2 | KEC(Korea Electronics) |
| STK426-530 | 2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER | 1 2 3 4 | Sanyo Semicon Device |
| OPA511 | High Current-High Power OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | Burr-Brown Corporation |
| 2SC1723 | LOW FREQUENCY HIGH VOLTAHE POWER AMPLIFIER TV POWER SUPPLY DRIVER | 1 | List of Unclassifed Manufacturers |
| GT20D201 | P CHANNEL TYPE HIGH POWER AMPLIFIER APPLICATIONS | 1 2 3 | Toshiba Semiconductor |
| STK417-130 | 2-Channel High Effiency AF Power Amplifier 50W x 2 ~ 100W X 2 | 1 2 3 | Sanyo Semicon Device |
| CHA5042 | 13-16GHz High Power Amplifier | 1 2 3 4 5 More | United Monolithic Semiconductors |
| HA-2705 | Low Power High Performance Operational Amplifier | 1 2 3 | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|