|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TGA2507-EPU - 12-18 GHz Ku-Band 3-Stage Driver Amplifier - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TGA2506-EPU | 12-18 GHz Ku-Band 2-Stage Driver Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGA2507-SM | Ku-Band 3-Stage Driver Packaged Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| RMDA25000 | 23-28 GHz Driver Amplifier MMIC | 1 2 3 4 5 More | Raytheon Company |
| AA031P1-A2 | 28-32 GHz Surface Mount Driver Amplifier | 1 2 3 4 | Alpha Industries |
| HMC314 | GaAs InGaP HBT MMIC DRIVER AMPLIFIER 0.7 - 4.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| MAAP-000042-PKG003 | Amplifier Power 1W X/Ku-Band 12-16 GHz | 1 2 3 4 5 More | Tyco Electronics |
| CMM1118-QT | 11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| HMC324MS8G | HBT DUAL DRIVER AMPLIFIER DC - 3.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AA026P1-00 | 25-29 GHz GaAs MMIC Driver Amplifier | 1 2 | Alpha Industries |
| AA035P3-00 | 31-35 GHz GaAs MMIC Driver Amplifier | 1 2 | Alpha Industries |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|