Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2505 Datasheet (PDF) - TriQuint Semiconductor

TGA2505 Datasheet PDF - TriQuint Semiconductor
Part # TGA2505
Download  TGA2505 Download

File Size   172.58 Kbytes
Page   11 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 13 - 17 GHz 2.5 Watt, 25dB Power Amplifier

TGA2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2505 Datasheet PDF - TriQuint Semiconductor

Part # TGA2505
Download  TGA2505 Click to download

File Size   172.58 Kbytes
Page   11 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 13 - 17 GHz 2.5 Watt, 25dB Power Amplifier

TGA2505 Datasheet (HTML) - TriQuint Semiconductor

Back Button TGA2505 Datasheet HTML 1Page - TriQuint Semiconductor TGA2505 Datasheet HTML 2Page - TriQuint Semiconductor TGA2505 Datasheet HTML 3Page - TriQuint Semiconductor TGA2505 Datasheet HTML 4Page - TriQuint Semiconductor TGA2505 Datasheet HTML 5Page - TriQuint Semiconductor TGA2505 Datasheet HTML 6Page - TriQuint Semiconductor TGA2505 Datasheet HTML 7Page - TriQuint Semiconductor TGA2505 Datasheet HTML 8Page - TriQuint Semiconductor TGA2505 Datasheet HTML 9Page - TriQuint Semiconductor TGA2505 Datasheet HTML 10Page - TriQuint Semiconductor Next Button 

TGA2505 Product details

Key Features and Performance
 • 34 dBm Midband Pout
 • 25 dB Nominal Gain
 • 7 dB Typical Input Return Loss
 • 12 dB Typical Output Return Loss
 • Built-in Directional Power Detector with Reference
 • 0.25µm pHEMT Technology
 • Bias Conditions: 7V, 640mA
 • Chip dimensions: 2.03 x 1.39 x 0.10 mm (0.080 x 0.055 x 0.004 inches)

Primary Applications
 • VSAT
 • Point-to-Point




Similar Part No. - TGA2505

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2505 TRIQUINT-TGA2505 Datasheet
595Kb / 12P
   13 17 GHz 2.5 Watt, 25dB Power Amplifier
TGA2505 TRIQUINT-TGA2505_15 Datasheet
595Kb / 12P
   13 17 GHz 2.5 Watt, 25dB Power Amplifier
More results


Similar Description - TGA2505

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2505 TRIQUINT-TGA2505_15 Datasheet
595Kb / 12P
   13 17 GHz 2.5 Watt, 25dB Power Amplifier
TGA2503-EPU TRIQUINT-TGA2503-EPU Datasheet
236Kb / 11P
   13 - 17 GHz 2 Watt, 32dB Power Amplifier
TGA2503 TRIQUINT-TGA2503_15 Datasheet
666Kb / 12P
   13 17 GHz 2 Watt, 32dB Power Amplifier
logo
Mimix Broadband
CMM1434-SM MIMIX-CMM1434-SM Datasheet
138Kb / 3P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1434-SM MIMIX-CMM1434-SM_07 Datasheet
155Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1434-SM_0708 MIMIX-CMM1434-SM_0708 Datasheet
134Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
logo
Qorvo, Inc
QPA2229D QORVO-QPA2229D Datasheet
1Mb / 24P
   34 ??36 GHz 13 Watt GaN Power Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
   2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM2321 ETC-CMM2321 Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321 MIMIX-CMM2321 Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com