|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TGA1342-SCC - 2-20 GHz Wideband AGC Amplifier - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TGA1342 | 2 -20 GHz Wideband AGC Amplifier | 1 2 3 4 | TriQuint Semiconductor |
| HMC-C003 | WIDEBAND POWER AMPLIFIER MODULE 2 - 20 GHz | 1 2 3 4 | Hittite Microwave Corporation |
| HMC-C004 | WIDEBAND DRIVER AMPLIFIER MODULE 10 MHz - 20 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC-C020 | WIDEBAND POWER AMPLIFIER MODULE 17 - 24 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| TGA2513-SM | 2-20 GHz LNA with AGC | 1 2 3 4 5 More | TriQuint Semiconductor |
| SL6140 | 400MHz Wideband AGC Amplifier | 1 2 3 4 5 More | Mitel Networks Corporation |
| HMC-C021 | WIDEBAND POWER AMPLIFIER MODULE 21 - 31 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| UPC1678G | 5 V-BIAS +7.5 dBm OUTPUT 2.0 GHz WIDEBAND Si MMIC AMPLIFIER | 1 2 3 4 5 More | NEC |
| UPC2723T | 1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE | 1 2 3 4 5 More | NEC |
| HMC287MS8 | GaAs MMIC LOW NOISE AMPLIFIER with AGC 2.3 - 2.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|