|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
855049 - 160 MHz CDMA SAW Filter - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 854550-1 | 69.99 MHz SAW Bandpass Filter for CDMA Basestation Receiver Applications Part Number 854550-1 | 1 | TriQuint Semiconductor |
| SF1111A | 160 MHz SAW Filter | 1 2 3 4 5 More | RF Monolithics, Inc |
| 855833 | 1880 MHz SAW Split Band Filter | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| E423121 | SAW Dual Filter 700 to 2000 MHz | 1 2 3 4 5 More | Fuji Electric |
| RF1336D | 868.35 MHz SAW Filter | 1 2 | RF Monolithics, Inc |
| RF1304 | 391.250 MHz SAW Filter | 1 2 | RF Monolithics, Inc |
| RO2073 | 315.0 MHz SAW Filter | 1 2 | RF Monolithics, Inc |
| SF1090A | 350 MHz SAW Filter | 1 2 3 4 5 More | RF Monolithics, Inc |
| SF1133A | 246 MHz SAW Filter | 1 2 3 | RF Monolithics, Inc |
| 855884 | 125 MHz SAW Filter | 1 2 3 4 5 | TriQuint Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|