|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DSWX5034 - (4x2) GaAs Switch Matrix - DAICO Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMC276QS24 | GaAs MMIC 4x2 SWITCH MATRIX 0.7 - 3.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC276LP4 | GaAs MMIC 4x2 SWITCH MATRIX 0.2 - 3.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| AS212-93 | GaAs IC 4 x 2 Switch Matrix 0.7-3.0 GHz | 1 2 3 4 | Skyworks Solutions Inc. |
| UPG183GR | GaAs MMIC DBS 4X2 IF SWITCH | 1 2 3 | NEC |
| NJG1505R | SPDT SWITCH GaAs MMIC | 1 2 3 4 5 More | New Japan Radio |
| AS006M2-93 | GaAs IC SPDT Switch Non-Reflective DC-6 GHz | 1 2 | Alpha Industries |
| AS183-92 | PHEMT GaAs IC SPDT Switch DC-2.5 GHz | 1 2 | Alpha Industries |
| MASWSS0020 | GaAs SP4T 2.5V High Power Switch DC - 3 GHz | 1 2 3 4 5 | Tyco Electronics |
| SW-284 | GaAs Matched SP6T Switch DC - 2 GHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|