Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3904LT1 Datasheet (PDF) - Avic Technology

MMBT3904LT1 Datasheet PDF - Avic Technology
Part # MMBT3904LT1
Download  MMBT3904LT1 Download

File Size   40.72 Kbytes
Page   1 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description SOT-23 Plastic-Encapsulate Transistors

MMBT3904LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT3904LT1 Datasheet PDF - Avic Technology

Part # MMBT3904LT1
Download  MMBT3904LT1 Click to download

File Size   40.72 Kbytes
Page   1 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description SOT-23 Plastic-Encapsulate Transistors

MMBT3904LT1 Datasheet (HTML) - Avic Technology

MMBT3904LT1 Datasheet HTML 1Page - Avic Technology

MMBT3904LT1 Product details

TRANSISTOR (NPN)

FEATURES
   Power dissipation
      PCM: 0.2 W (Tamb=25℃)
   Collector current
      ICM: 0.2 A
   Collector-base voltage
      V(BR)CBO: 60 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - MMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT3904LT1 MOTOROLA-MMBT3904LT1 Datasheet
230Kb / 8P
   General Purpose Transistor
logo
ON Semiconductor
MMBT3904LT1 ONSEMI-MMBT3904LT1 Datasheet
164Kb / 6P
   General Purpose Transistor(NPN Silicon)
February, 2004 ??Rev. 5
MMBT3904LT1 ONSEMI-MMBT3904LT1 Datasheet
101Kb / 6P
   General Purpose Transistor (NPN Silicon)
February, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBT3904LT1 LRC-MMBT3904LT1 Datasheet
265Kb / 6P
   NPN SILICON
logo
Silicon Standard Corp.
MMBT3904LT1 SSC-MMBT3904LT1 Datasheet
80Kb / 2P
   Transistors (NPN)
More results


Similar Description - MMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results




About Avic Technology


AVIC Technology Corporation is a subsidiary of Aviation Industry Corporation of China (AVIC), which is a state-owned aerospace and defense company. AVIC Technology is primarily focused on providing solutions in the areas of avionics, airborne equipment, and related systems.

AVIC Technology offers a wide range of products and services, including airborne equipment and systems, avionics systems, satellite navigation, and communication systems. The company also provides services such as system integration, engineering design, and technical support.

AVIC Technology's products and services are used in a variety of applications, including civil aviation, military aviation, and space exploration. The company has partnerships with many leading aerospace and defense companies around the world, and it has a strong presence in both domestic and international markets.

Overall, AVIC Technology is a major player in the global aerospace and defense industry, with a focus on innovation and technology development to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com