|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SOTZ - 2.4V to 20V SOT 23 ZENER DIODES (1/4 Watt) - First Components International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LL5221 | ½ Watt ZENER DIODES 2.4V to 62V Mechanical Dimensions | 1 2 | First Components International |
| MLL700 | 2.4V to 110V MLL ZENER DIODES 1/2 Watt | 1 2 | First Components International |
| LL4728 | 1 Watt ZENER DIODES 3.3V to 100V Mechanical Dimensions | 1 2 | First Components International |
| 1N4460 | 1.5 WATT GLASS ZENER DIODES | 1 2 | Microsemi Corporation |
| 1PMT4614 | LOW NOISE 1 WATT Zener Diodes | 1 2 | Microsemi Corporation |
| SMBJ4742 | SILICON 2.0 Watt ZENER DIODES | 1 2 3 | Microsemi Corporation |
| SMAJ4728 | Silicon 1 Watt Zener Diodes | 1 2 3 | Micro Commercial Components |
| 1N5333B | SILICON 5 WATT ZENER DIODES | 1 2 | Microsemi Corporation |
| JANS1N6490US | 1.5 WATT ZENER DIODES | 1 2 | Microsemi Corporation |
| NTE5240A | 50 Watt Zener Diodes ±5% Tolerance | 1 2 3 | NTE Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|