|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HV-6X2P1 - 550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS - First Components International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HV05 | 550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS | 1 2 | First Components International |
| HV07 | 750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS | 1 2 | List of Unclassifed Manufacturers |
| HV03 | 350 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS | 1 2 | First Components International |
| NTE517 | Silicon High Voltage Plastic Rectifier for Industrial and Microwave Oven | 1 | NTE Electronics |
| FBR6030 | 60 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions | 1 2 | First Components International |
| UGE3126AY4 | High Voltage Rectifiers | 1 2 | IXYS Corporation |
| UGE1112AY4 | High Voltage Rectifiers | 1 2 | IXYS Corporation |
| FR02 | HIGH VOLTAGE FAST RECOVERY MINIATURE PLASTIC RECTIFIERS | 1 2 | First Components International |
| MBR10100 | High Voltage Schottky Rectifiers | 1 2 3 | Vishay Siliconix |
| SN3N | SURFACE MOUNT HIGH VOLTAGE RECTIFIERS | 1 2 | EIC discrete Semiconductors |
Datasheet Page |
1 |
Link URL |
|
|