|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HV03 - 350 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS - First Components International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HV07 | 750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS | 1 2 | List of Unclassifed Manufacturers |
| HV05 | 550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS | 1 2 | First Components International |
| HV-6X2P1 | 550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS | 1 | First Components International |
| NTE517 | Silicon High Voltage Plastic Rectifier for Industrial and Microwave Oven | 1 | NTE Electronics |
| MCCD2004S | 350 mW High Voltage Switching Diode 240 Volts | 1 | Micro Commercial Components |
| SI-E1125-500-6 | High voltage rectifiers | 1 2 | Semikron International |
| HVG1 | HIGH VOLTAGE GLASS PASSIVATED SILICON RECTIFIERS | 1 2 | List of Unclassifed Manufacturers |
| H0520 | Fast Recover High Voltage Glass-Passivated Rectifiers | 1 2 3 | Weitron Technology |
| DL1200 | FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS | 1 2 | Electronic devices inc. |
| SI-E1750-775-4 | High voltage rectifiers | 1 2 | Semikron International |
Datasheet Page |
1 2 |
Link URL |
|
|