|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FBR4030 - 40 Amp SCHOTTKY BARRIER RECTIFIERS - First Components International |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N5819 | 1 AMP SCHOTTKY BARRIER RECTIFIERS | 1 2 | Microsemi Corporation |
| 1N5820_1 | 3.0A SCHOTTKY BARRIER RECTIFIERS | 1 2 | Diodes Incorporated |
| SD830_1 | 8.0A SCHOTTKY BARRIER RECTIFIERS | 1 2 | Diodes Incorporated |
| 82CNQ030APBF | SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package | 1 2 3 4 5 More | International Rectifier |
| YA846C04B | Schottky Barrier Diode | 1 2 3 4 5 More | Fuji Electric |
| CMS-S040-020 | SCHOTTKY BARRIER DIODE | 1 | Champion Microelectronic Corp. |
| SBL3040C | SCHOTTKY BARRIER RECTIFIER DIODES | 1 2 | Unisonic Technologies |
| CMS-S087-060 | SCHOTTKY BARRIER DIODE | 1 | Champion Microelectronic Corp. |
| MBRB1530CT_ | 15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 |
Link URL |
|
|