Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      PB42WG-123R3Z21(2)

Featured Products and Offers


Datasheet

    PB42WG-123R3Z21 - 1.5 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT - PEAK electronics GmbH

Page

Part No. PB42WG-123R3Z21
Description  1.5 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
Download  PB42WG-123R3Z21 Click to view
File Size   210.51 Kbytes / 2 Pages
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PB47WG-1205Z21PB47WG-XXXXZ2:1 1.5 KVDC ISOLATED 15 W REGULATED DUAL OUTPUT 1 2 PEAK electronics GmbH
P14TG-2405Z41P14TG-XXXXZ4:1 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24 1 2 PEAK electronics GmbH
P8SG-053R6Z1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1 2 PEAK electronics GmbH
P22TG-1205Z211.5 KV ISOLATED 5 W REGULATED DUAL OUTPUT DIP24 1 2 PEAK electronics GmbH
P8TG-123R3Z21H353.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1 2 PEAK electronics GmbH
PZ8GG-0505ZPZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 1 2 PEAK electronics GmbH
P14TG-2405Z41MP14TG-XXXXZ4:1M 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24 1 2 PEAK electronics GmbH
P8SG-053R6ZH303 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1 2 PEAK electronics GmbH
P26TG-2405Z411.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24 1 2 PEAK electronics GmbH
PZ8GG-0505ZH30PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 1 2 PEAK electronics GmbH

Datasheet Page

1 2


Link URL

Related keyword

  PB42WG-123R3Z21 Datasheet   PB42WG-123R3Z21 Cross Reference   PB42WG-123R3Z21 Schematic   PB42WG-123R3Z21 Distributor   PB42WG-123R3Z21 Datenblatt   PB42WG-123R3Z21 RoHS
  PB42WG-123R3Z21 Equivalent   PB42WG-123R3Z21 Application Notes   PB42WG-123R3Z21 Data Sheet   PB42WG-123R3Z21 component   PB42WG-123R3Z21 Fiche Technique   PB42WG-123R3Z21 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl