Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      PB42WG-123R3E21(2)

Featured Products and Offers


Datasheet

    PB42WG-123R3E21 - 1.5 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT - PEAK electronics GmbH

Page

Part No. PB42WG-123R3E21
Description  1.5 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
Download  PB42WG-123R3E21 Click to view
File Size   210.14 Kbytes / 2 Pages
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PB47WG-1205E21PB47WG-XXXXE2:1 1.5 KVDC ISOLATED 15 W REGULATED SINGLE OUTPUT 1 2 PEAK electronics GmbH
P8TG-123R3E211.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P18TG-123R3E21P18TG-XXXXE2:1 1.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
PEN4-243R3E41PEN4-XXXXE4:1 1.5 KV ISOLATED 3 - 4 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P18TG-123R3E21MP18TG-XXXXE2:1M 1.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P8TG-123R3E21H353.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P10TG-1205E211.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P22TG-2405E411.5 KV ISOLATED 5 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P8TG-243R3E411.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P10TG-1205E21M1.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH

Datasheet Page

1 2


Link URL

Related keyword

  PB42WG-123R3E21 Datasheet   PB42WG-123R3E21 Cross Reference   PB42WG-123R3E21 Schematic   PB42WG-123R3E21 Distributor   PB42WG-123R3E21 Datenblatt   PB42WG-123R3E21 RoHS
  PB42WG-123R3E21 Equivalent   PB42WG-123R3E21 Application Notes   PB42WG-123R3E21 Data Sheet   PB42WG-123R3E21 component   PB42WG-123R3E21 Fiche Technique   PB42WG-123R3E21 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl