|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
P10SG-0512Z - 1 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24 - PEAK electronics GmbH |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P10SG-0505ZH52 | 5.2 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
| PEN3-1205Z21 | PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
| P14SG-0505ZH30 | 3 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
| P10SG-0505ZM | 1 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
| P14SG-0505ZH30M | 3 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
| P22TG-2405Z41 | 1.5 KV ISOLATED 5 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
| PEN4-2405Z41 | PEN4-XXXXZ4:1 1.5 KV ISOLATED 3 - 4 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
| P10TG-2405Z41 | 1.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
| P14SG-0505ZH52 | 5.2 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
| P22TG-2405Z41H35 | 3.5 KV ISOLATED 5 W REGULATED DUAL OUTPUT DIP24 | 1 2 | PEAK electronics GmbH |
Datasheet Page |
1 2 |
Link URL |
|
|