Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      P10SG-0505E(5)    P10SG-0505Z(5)

Featured Products and Offers


Datasheet

    P10SG-0505E - 1 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24 - PEAK electronics GmbH

Page

Part No. P10SG-0505E
Description  1 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
Download  P10SG-0505E Click to view
File Size   197.28 Kbytes / 2 Pages
Maker  PEAK [PEAK electronics GmbH]
Homepage  http://www.peak-electronics.de
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P14TG-2405E41P14TG-XXXXE4:1 1.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P10TG-2405E41H353.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P18TG-2405E41MP18TG-XXXXE4:1M 1.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P22TG-1205E211.5 KV ISOLATED 5 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P22TG-2405E41H35M3.5 KV ISOLATED 5 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P26TG-2405E41H353.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P14TG-2405E41H35P14TG-XXXXE4:1H35 3.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P18TG-123R3E21H35P18TG-XXXXE2:1H35 3.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P10TG-2405E41H35M3.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH
P8SG-0505EH303 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1 2 PEAK electronics GmbH

Datasheet Page

1 2


Link URL

Related keyword

  P10SG-0505E Datasheet   P10SG-0505E Cross Reference   P10SG-0505E Schematic   P10SG-0505E Distributor   P10SG-0505E Datenblatt   P10SG-0505E RoHS
  P10SG-0505E Equivalent   P10SG-0505E Application Notes   P10SG-0505E Data Sheet   P10SG-0505E component   P10SG-0505E Fiche Technique   P10SG-0505E Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl