|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
WM8581 - Multichannel CODEC with S/PDIF Transceiver - Wolfson Microelectronics plc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WM8580 | Multichannel CODEC with S/PDIF Transceiver | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| PSB21383H | Siemens Codec with S/T Transceiver | 1 2 3 4 5 More | Infineon Technologies AG |
| ST5090 | LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END | 1 2 3 4 5 More | STMicroelectronics |
| TLV320AIC23 | STereo Audio CODEC 8- to 96kHz With Integrated Headphone Amplifier | 1 2 3 4 5 More | Texas Instruments |
| T7507 | T7507 Quad PCM Codec with Filters Termination Impedance and Hybrid Balance | 1 2 3 4 5 More | Agere Systems |
| AK4545 | AC97 AUDIO CODEC WITH SRC AND DIT | 1 2 3 4 5 More | Asahi Kasei Microsystems |
| CS4223 | 24-Bit 105 dB Audio Codec with Volume Control | 1 2 3 4 5 More | Cirrus Logic |
| UDA1355H | Stereo audio codec with SPDIF interface | 1 2 3 4 5 More | NXP Semiconductors |
| WM8978 | STEREO CODEC WITH SPEAKER DRIVER | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| AK4569 | 20-Bit Stereo CODEC with IPGA & HP-AMP | 1 2 3 4 5 More | Asahi Kasei Microsystems |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 |
Link URL |
|
|