|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZL40815DCF1 - 10GHz Fixed Modulus DIVIDE 4 - Zarlink Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CND2047 | 10GHz Frequency Divider by 4 Fixed Modulus Prescaler | 1 2 3 4 5 More | United Monolithic Semiconductors |
| ZL40800 | 6 GHz Fixed Modulus Prescalers | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| ZL40810 | 10-GHz Fixed Modulus ÷ 8 | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| ZL4081 | 13.5GHz Fixed Modulus Dividers | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| SP5070 | 2.GHz Fixed Modulus Frequency Synthesiser | 1 2 3 4 5 More | Mitel Networks Corporation |
| ZL40804 | 6 GHz FIXED MODULUS DEVIDE 4 | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| SP8802 | 3.3GHz ÷ 2 fixed Modulus Divider | 1 2 3 4 5 | Mitel Networks Corporation |
| SP8804 | 3.3GHz ÷ 4 fixed Modulus Divider | 1 2 3 4 5 | Mitel Networks Corporation |
| SA701 | Divide by: 128/129-64/65 dual modulus low power ECL prescaler | 1 2 3 4 5 More | NXP Semiconductors |
| SP8808 | 3.3GHz ÷ 8 Fixed Modulus Divider | 1 2 3 4 5 | Mitel Networks Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|